Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM707EPA Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części ASM707EPA
Szczegółowy opis  Low Power P Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM707EPA Arkusz danych(HTML) 4 Page - ON Semiconductor

  ASM707EPA Datasheet HTML 1Page - ON Semiconductor ASM707EPA Datasheet HTML 2Page - ON Semiconductor ASM707EPA Datasheet HTML 3Page - ON Semiconductor ASM707EPA Datasheet HTML 4Page - ON Semiconductor ASM707EPA Datasheet HTML 5Page - ON Semiconductor ASM707EPA Datasheet HTML 6Page - ON Semiconductor ASM707EPA Datasheet HTML 7Page - ON Semiconductor ASM707EPA Datasheet HTML 8Page - ON Semiconductor ASM707EPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ASM705, ASM706, ASM707, ASM708, ASM813L
http://onsemi.com
4
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
All other inputs (Note 1)
Input Current at VCC and GND
−0.3
−0.3
6.0
VCC + 0.3
20
V
V
mA
Output Current: All outputs
20
mA
Rate of Rise at VCC
100
V/ms
Plastic DIP Power Dissipation (Derate 9 mW/°C above 70°C)
700
mV
SO Power Dissipation (Derate 5.9 mW/°C above 70°C)
470
mW
MicroSO Power Dissipation (Derate 4.1 mW/°C above 70°C)
330
mW
Operating Temperature Range
ASM705E/706E/707E/708E/813LE
ASM705C/706C/707C/708C/813LC
−40
0
+85
70
°C
Storage Temperature Range
−65
160
°C
Lead Temperature (Soldering 10 sec)
300
°C
ESD rating
HBM
MM
2
200
KV
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The input voltage limits of PFI and MR can be exceeded if the input current is less than 10 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com