Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM708ESA Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części ASM708ESA
Szczegółowy opis  Low Power P Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM708ESA Arkusz danych(HTML) 3 Page - ON Semiconductor

  ASM708ESA Datasheet HTML 1Page - ON Semiconductor ASM708ESA Datasheet HTML 2Page - ON Semiconductor ASM708ESA Datasheet HTML 3Page - ON Semiconductor ASM708ESA Datasheet HTML 4Page - ON Semiconductor ASM708ESA Datasheet HTML 5Page - ON Semiconductor ASM708ESA Datasheet HTML 6Page - ON Semiconductor ASM708ESA Datasheet HTML 7Page - ON Semiconductor ASM708ESA Datasheet HTML 8Page - ON Semiconductor ASM708ESA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ASM705, ASM706, ASM707, ASM708, ASM813L
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin Number
ASM705/706
ASM707/708
ASM813L
DIP/
SO
MicroSO
DIP/
SO
MicroSO
DIP/
SO
MicroSO
Name
Function
1
3
1
3
1
3
MR
Manual reset input. The active LOW input triggers a
reset pulse. A 250 mA pull−up current allows the pin
to be driven by TTL/CMOS logic or shorted to
ground with a switch.
2
4
2
4
2
4
VCC
+5 V power supply input.
3
5
3
5
3
5
GND
Ground reference for all signals.
4
6
4
6
4
6
PFI
Power−fail input voltage monitor. With PFI less than
1.25 V, PFO goes LOW. Connect PFI to Ground or
VCC when not in use.
5
7
5
7
5
7
PFO
Power−fail output. The output is active LOW and
sinks current when PFI is less than 1.25 V.
6
8
−
−
6
8
WDI
Watchdog input. WDI controls the internal watchdog
timer. A HIGH or LOW signal for 1.6 sec at WDI
allows the internal timer to run−out, setting WDO
LOW. The watchdog function is disabled by floating
WDI or by connecting WDI to a high impedance
three−state buffer. The internal watchdog timer
clears when: RESET is asserted; WDI is three−
stated; or WDI sees a rising or falling edge.
−
−
6
8
−
−
NC
Not Connected.
7
1
7
1
−
−
RESET
Active LOW reset output. Pulses LOW for 200 ms
when triggered, and stays LOW whenever VCC is
below the reset threshold. RESET remains LOW for
200 ms after VCC rises above the reset threshold or
MR goes from LOW to HIGH. A watchdog timeout
will not trigger RESET unless WDO is connected to
MR.
8
2
−
−
8
2
WDO
Watchdog output. WDO goes LOW when the 1.6
second internal watchdog timer times−out and does
not go HIGH until the watchdog is cleared. In addi-
tion, when VCC falls below the reset threshold,
WDO goes LOW. Unlike RESET, WDO does not
have a minimum pulse width and as soon as VCC
exceeds the reset threshold, WDO goes HIGH with
no delay.
−
−
8
2
7
1
RESET
Active HIGH reset output. The inverse of RESET.
The ASM813L only has a RESET output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com