| Zakładka z wyszukiwarką danych komponentów |
|
SP8858IGHPAS Arkusz danych(PDF) 4 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
SP8858IGHPAS Arkusz danych(HTML) 4 Page - Mitel Networks Corporation |
|
4 / 17 page ![]() 4 SP8858 ELECTRICAL CHARACTERISTICS These characteristics are guaranteed over the following range of operating conditions unless otherwise stated: Supply voltage VCC = 14·75V to 15·25V. T AMB = 255°C to 1125°C (Military), 240°C to 185°C (Industrial) Characteristic Conditions Supply current Supply current in power down mode Input sensitivity Input overload RF input division ratio Comparison frequency Reference oscillator input frequency External reference input voltage Reference division ratio Data clock repetition rate, tREP Minimum setup time, tS DATA input high DATA input low CLOCK input high CLOCK input low ENABLE high ENABLE low F1/F2 input high F1/F2 input low POWER DOWN input high POWER DOWN input low F1/F2 input current POWER DOWN input current Current into RPD Charge pump current Charge pump current accuracy Charge pump leakage LOCK DETECT output voltage when in lock FPD and FREF output voltage swing LOCK DETECT output resistor Pin Typ. Max. Min. Units Value 8,9,18,23 8 10,11 10,11 10,11,4 4,5 20,21 20 20,5 15 14,15 14 14 15 15 16 16 13 13 6 6 13 6 24 25 25 25 27 27 27 400 240 56 4 50 1 50 0·6VCC VEE 0·6VCC VEE 0·6VCC VEE 0·6VCC VEE 0·6VCC VEE 50 95 35 2 0·9 50 110 45 50 524287 262143 5 40 600 8191 200 VCC 0·3VCC VCC 0·3VCC VCC 0·3VCC VCC 0·3VCC 0·9VCC 0·3VCC 5 5 500 2 6 5 5 1 mA mA mVrms mVrms MHz MHz mVrms ns ns V V V V V V V V V V µA µA µA mA % µA V k Ω See Fig. 3 See Fig. 3 With 416/17 selected With 48/9 selected See note 1 See Fig. 4 See Fig. 4 F1 buffer selected F2 buffer selected V pin 13 = 5·0V V pin 6 = 4·5V 500 µA34 Charge pump current = 2mA I pin 27 < 3mA VCC = 5V, external pulldown may be required NOTE 1. The reference frequency range when using a crystal oscillator is 4-20MHz. |