| Zakładka z wyszukiwarką danych komponentów |
|
TDA3653B Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA3653B Arkusz danych(HTML) 8 Page - NXP Semiconductors |
|
8 / 13 page ![]() March 1991 8 Philips Semiconductors Product specification Vertical deflection and guard circuit (90˚) TDA3653B TDA3653C APPLICATION INFORMATION Fig.4 Typical application circuit diagram of the TDA3653B/C (vertical output), when used in combination with the TDA2578A (see Fig.5). Note to deflection coils AT1236/20: L = 29 mH, R = 13.6 Ω; deflection current without overscan is 0.82 A peak-to-peak and EHT voltage is 25 kV. |