Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F016D-120FCB Arkusz danych(PDF) 21 Page - Advanced Micro Devices

Numer części AM29F016D-120FCB
Szczegółowy opis  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-120FCB Arkusz danych(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F016D-120FCB Datasheet HTML 17Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 18Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 19Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 20Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 21Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 22Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 23Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 24Page - Advanced Micro Devices AM29F016D-120FCB Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
20
Am29F016D
Command Definitions
Table 9.
Am29F016D Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on
the rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode)
or erased. Address bits A20–A16 select a unique sector.
SGA = Address of the sector group to be verified. Address
bits A20–A18 select a unique sector group.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus
cycles are write operations.
4. Address bits A20–A11 are don’t cares for unlock and
command cycles, unless SA or PA required.
5. No unlock or command cycles required when reading
array data.
6. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5
goes high (while the device is providing status data).
7. The fourth cycle of the autoselect command sequence is
a read cycle.
8. The data is 00h for an unprotected sector group and 01h
for a protected sector group.See “Autoselect Command
Sequence” for more information.
9. Command is valid when device is ready to read array data
or when device is in autoselect mode.
10. The Unlock Bypass command is required prior to the
Unlock Bypass Program command.
11. The Unlock Bypass Reset command is required to return
to reading array data when the device is in the unlock
bypass mode.
12. The system may read and program in non-erasing
sectors, or enter the autoselect mode, when in the Erase
Suspend mode. The Erase Suspend command is valid
only during a sector erase operation.
13. The Erase Resume command is valid only during the
Erase Suspend mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data Addr
Data
Addr Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Autoselect
(Note 7)
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID
4
555
AA
2AA
55
555
90
X01
AD
Sector Group Protect
Verify (Note 8)
4
555
AA
2AA
55
555
90
SGA
X02
XX00
XX01
CFI Query (Note 9)
1
55
98
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program (Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 11)
2
XXX
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 9)
1
XXX
B0
Erase Resume (Note 10)
1
XXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com