| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F84A-04/SS Arkusz danych(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-04/SS Arkusz danych(HTML) 32 Page - Microchip Technology |
|
32 / 68 page ![]() PIC16F84A DS35007A-page 32 Preliminary © 1998 Microchip Technology Inc. 6.11.3 WAKE-UP USING INTERRUPTS When global interrupts are disabled (GIE cleared) and any interrupt source has both its interrupt enable bit and interrupt flag bit set, one of the following will occur: • If the interrupt occurs before the execution of a SLEEP instruction, the SLEEP instruction will com- plete as a NOP. Therefore, the WDT and WDT postscaler will not be cleared, the TO bit will not be set and PD bits will not be cleared. • If the interrupt occurs during or after the execu- tion of a SLEEP instruction, the device will imme- diately wake up from sleep. The SLEEP instruction will be completely executed before the wake-up. Therefore, the WDT and WDT postscaler will be cleared, the TO bit will be set and the PD bit will be cleared. Even if the flag bits were checked before executing a SLEEP instruction, it may be possible for flag bits to become set before the SLEEP instruction completes. To determine whether a SLEEP instruction executed, test the PD bit. If the PD bit is set, the SLEEP instruction was executed as a NOP. To ensure that the WDT is cleared, a CLRWDT instruc- tion should be executed before a SLEEP instruction. 6.12 Program Verification/Code Protection If the code protection bit(s) have not been programmed, the on-chip program memory can be read out for verification purposes. 6.13 ID Locations Four memory locations (2000h - 2004h) are designated as ID locations to store checksum or other code identification numbers. These locations are not accessible during normal execution but are readable and writable only during program/verify. Only the four least significant bits of ID location are usable. 6.14 In-Circuit Serial Programming PIC16F84A microcontrollers can be serially programmed while in the end application circuit. This is simply done with two lines for clock and data, and three other lines for power, ground, and the programming voltage. Customers can manufacture boards with unprogrammed devices, and then program the microcontroller just before shipping the product, allowing the most recent firmware or custom firmware to be programmed. For complete details of serial programming, please refer to the In-Circuit Serial Programming (ICSP™) Guide, (DS30277). Note: Microchip does not recommend code pro- tecting windowed devices. |