Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C0402CH1C330J020BC Arkusz danych(PDF) 1 Page - TDK Electronics

Numer części C0402CH1C330J020BC
Szczegółowy opis  Commercial Grade ( General (Up to 50V) )
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

C0402CH1C330J020BC Arkusz danych(HTML) 1 Page - TDK Electronics

  C0402CH1C330J020BC Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( General (Up to 50V) )
C0402 [EIA CC01005]
L
0.40mm +/-0.02mm
W
0.20mm +/-0.02mm
T
0.20mm +/-0.02mm
B
0.07mm Min.
G
0.14mm Min.
CH (-25 to 85 degC 0+/-60ppm/degC)
1C (16Vdc)
33pF
J (+/-5%)
1000 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
February 3, 2014
C0402CH1C330J020BC
TDK Item Description : C0402CH1C330JT****
Cap. vs. Freq. Characteristic
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
DC Bias/V
Temperature Characteristic
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resitance
AEC-Q200


Podobny numer części - C0402CH1C330J020BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
C0402CH1C330J020BC TDK-C0402CH1C330J020BC_16 Datasheet
130Kb / 1P
Multilayer Ceramic Chip Capacitors
C0402CH1C330J020BC TDK-C0402CH1C330J020BC_17 Datasheet
180Kb / 3P
Multilayer Ceramic Chip Capacitors
More results

Podobny opis - C0402CH1C330J020BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
C0402C0G1C020C020BC TDK-C0402C0G1C020C020BC Datasheet
129Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0402C0G1C090D020BC TDK-C0402C0G1C090D020BC Datasheet
130Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0402CH1C2R2C020BC TDK-C0402CH1C2R2C020BC Datasheet
129Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0402CH1C270J020BC TDK-C0402CH1C270J020BC Datasheet
130Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0402CH1C270K020BC TDK-C0402CH1C270K020BC Datasheet
130Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0402CH1C470J020BC TDK-C0402CH1C470J020BC Datasheet
130Kb / 1P
Commercial Grade ( General (Up to 50V) )
C0603C0G1E060D030BA TDK-C0603C0G1E060D030BA_14 Datasheet
130Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1C226M280KA TDK-C5750X7R1C226M280KA Datasheet
139Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1E226M250KA TDK-C5750X7R1E226M250KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1H106M230KB TDK-C5750X7R1H106M230KB Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com