Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATS-FF-200W-12-C Arkusz danych(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Numer części ATS-FF-200W-12-C
Szczegółowy opis  Air to Air Thermoelectric Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATS [Advanced Thermal Solutions, Inc.]
Strona internetowa  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-FF-200W-12-C Arkusz danych(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-FF-200W-12-C Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air to Air Thermoelectric Assembly
ATS PART # ATS-FF-200W-12-C
ATS’ air to air thermoelectric assemblies are heat exchangers that
remove heat from an enclosure and are designed for temperature
regulation of small electronic cabinets or enclosures. They are often
used when it is better to circulate cooled air rather than use direct
contact with a cold plate.
FEATURES & BENEFITS
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
Product Detail
For Illustration Purposes ONLY.
SPECIFICATION
Max Cooling power
140W @ ∆T = 0°C
TEC Voltage
12 VDC
TEC Current
Start 27.0 A / Working 23A
Fan Voltage
12 VDC
APPLICATIONS
»
Enclosure or cabinet cooling
»
Electronics cooling
»
Medical, surgical and biological process cooling
»
Thermal management
»
Medical equipment
»
Refrigerators and water coolers
»
Industrial storage and food transportation
NOTES:
1.
Please use 24 VDC power supply with the ripple less than 10%
2.
Please do not drop, or the TEC can get damaged.
3.
Please keep 10cm distance from walls for proper ventilation when mounting.
4.
Please do not use it when temperature of the assembly or environment is higher
than 70°C.
5.
The graph is an example of when cabinet temperature is 50°C and the ambient
temp is 50°C, the cooler can transfer 140W heat from the cabinet to outside.
6.
∆T = Tenclosure - Tambient
»
Compact and lightweight
»
Can be mounted in any orientation
»
No compressor
»
Virtually maintenance free
»
Simple quick installation
»
Air to air heat exchanger
»
Quiet operation
»
Uses thermoelectrics
Max Cooling
Power
TEC
Voltage
TEC
Current
Hot Side
Fan
Cold Side
Fan
Operating
Temperature
Dimensions
(mm)
Mounting
Holes (mm) Weight
140W
12V
23A
172x172x51 mm
12V, 0.8A
120x120x38 mm
12V, 0.5A
-10° – 70°
400x180x197.3
300x120
7.1 Kgs


Podobny numer części - ATS-FF-200W-12-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Thermal Soluti...
ATS-FF-200W-48-C ATS-ATS-FF-200W-48-C Datasheet
626Kb / 1P
Air to Air Thermoelectric Assembly
More results

Podobny opis - ATS-FF-200W-12-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
VOT-50-12DC-ZIV1 ETC2-VOT-50-12DC-ZIV1 Datasheet
935Kb / 1P
Thermoelectric Air Cooler
logo
Advanced Thermal Soluti...
ATS-WFF-200W-24-C ATS-ATS-WFF-200W-24-C Datasheet
572Kb / 1P
Air to Air Thermoelectric Assembly
ATS-WFF-60W-24-C ATS-ATS-WFF-60W-24-C Datasheet
618Kb / 1P
Air to Air Thermoelectric Assembly
ATS-FW-72W-12-C ATS-ATS-FW-72W-12-C Datasheet
547Kb / 1P
Air to Liquid Thermoelectric Assembly
ATS-FP-100W-12-C ATS-ATS-FP-100W-12-C Datasheet
313Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-24-C ATS-ATS-FP-70W-24-C Datasheet
532Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-12-C ATS-ATS-FP-70W-12-C Datasheet
524Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FF-200W-48-C ATS-ATS-FF-200W-48-C Datasheet
626Kb / 1P
Air to Air Thermoelectric Assembly
ATS-FF-150W-24-C ATS-ATS-FF-150W-24-C Datasheet
572Kb / 1P
Air to Air Thermoelectric Assembly
ATS-FF-100W-24-C ATS-ATS-FF-100W-24-C Datasheet
607Kb / 1P
Air to Air Thermoelectric Assembly
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com