Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPL-35-GB-BX-CDFM Arkusz danych(PDF) 5 Page - Source Photonics, Inc.

Numer części SPL-35-GB-BX-CDFM
Szczegółowy opis  Up to 10km point-point transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-BX-CDFM Arkusz danych(HTML) 5 Page - Source Photonics, Inc.

  SPL-35-GB-BX-CDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPL-35-GB-BX-CDFM
SPL-53-GB-BX-CDFM
DS-6764 Rev01 2011-12-12
Preliminary
Pin Definitions
Figure 3 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table
7 with some accompanying notes.
Pin 1 0
Pin 1
Pin 1 1
Pin 2 0
B O T T O M VIEW
O F BO AR D
OF B O A R D
T O P VIEW
Figure 3, Pin View
Table 7 - Pin Function Definitions
Pin No.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
4
MOD-DEF2
Module Definition 2
3
Note 3
5
MOD-DEF1
Module Definition 1
3
Note 3
6
MOD-DEF0
Module Definition 0
3
Note 3
7
Rate Select
Not Connected
3
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
Note 5
13
RD+
Received Data Out
3
Note 5
14
VeeR
Receiver Ground
1
15
VccR
Receiver Power
2
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
Note 6
19
TD-
Inv. Transmit Data In
3
Note 6
20
VeeT
Transmitter Ground
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com