| Zakładka z wyszukiwarką danych komponentów |
|
TM2IO Arkusz danych(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
TM2IO Arkusz danych(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 25 page ![]() MN103SFM9K 32-bit Single-chip Microcontroller Publication date: August 2014 4 PubNo. 232M9-010E - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, TM3IO pin input, Timer 0 underflow, Timer 1 underflow, Timer 2 underflow, Timer 4 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, - Count clock source IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM4IO pin input, Timer 5 underflow, Timer 6 underflow Timer 5 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, Timer 4 underflow, Timer 6 underflow, TM5IO pin input Timer 6 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM6IO pin input, Timer 4 underflow, Timer 5 underflow Timer 7 (8-bit timer for general use) - Interval timer, Timer pulse output, Event count, Cascade connection function - Count clock source IOCLK, IOCLK/8, IOCLK/32, TM7IO pin input, Timer 4 underflow, Timer 5 underflow, Timer 6 underflow Timer 8 (16-bit timer for general use) - Interval timer, Timer pulse output, Event count, PWM output, input capture, one-shot output, external trigger start - Count clock source IOCLK, IOCLK/8, IOCLK/64, Timer 2 underflow, TM8BIO pin input Timer 9 (16-bit timer for general use) - Interval timer, Timer pulse output, Event count, PWM output, input capture, one-shot output, external trigger start - Count clock source IOCLK, IOCLK/8, IOCLK/64, Timer 3 underflow, TM9BIO pin input Timer 10 (16-bit timer for general use) - Interval timer, Timer pulse output, Event count, PWM output, input capture, one-shot output, external trigger start - Count clock source IOCLK, IOCLK/8, Timer 0 underflow, Timer 1 underflow, TM10BIO pin input Timer 11 (16-bit timer for general use) - Interval timer, Timer pulse output, Event count, PWM output, input capture, one-shot output, external trigger start - Count clock source IOCLK, IOCLK/8, Timer 4 underflow, Timer 5 underflow, TM11IO pin input Timer 12 (16-bit timer for general use) |