| Zakładka z wyszukiwarką danych komponentów |
|
Z8018233FSC Arkusz danych(PDF) 38 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018233FSC Arkusz danych(HTML) 38 Page - Zilog, Inc. |
|
38 / 109 page ![]() 3-38 Z80182/Z8L182 ZILOG INTELLIGENT PERIPHERAL PRELIMINARY Zilog DS971820600 FREE RUNNING COUNTER CPU CONTROL REGISTER 76 543 210 FRC Read Only Addr 18H Figure 32. Free Running Counter Figure 33. CPU Note: See Figure 49 for full description. 000 00 000 CPU Control Register (CCR) D7 D6 D5 D4 D3 D2 D1 D0 Addr 1FH DMA REGISTERS SAR0L Read/Write Addr 20H SA7 SA0 SAR0H Read/Write Addr 21H SA15 SA8 SAR0B Read/Write Addr 22H SA16 SA19 - -- - Bits 0-2 (3) are used for SAR0B A19, x x x x A18, x x x x A17, 0 0 1 1 A16 0 1 0 1 DMA Transfer Request /DREQ0 (external) RDR0 (ASCI0) RDR1 (ASCI1) Not Used Figure 34. DMA 0 Source Address Registers |