Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 53 Page - Mitsubishi Electric Semiconductor

Numer części M37540RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37540RSS Arkusz danych(HTML) 53 Page - Mitsubishi Electric Semiconductor

Back Button M37540RSS Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37540RSS Datasheet HTML 57Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7540 Group
MITSUBISHI MICROCOMPUTERS
53
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Recommended Operating Conditions (Extended operating temperature version)
Table 16 Recommended operating conditions (1) (VCC = 2.2 to 5.5 V, Ta = –40 to 85 °C, unless otherwise noted)
5.5
5.5
5.5
5.5
5.5
5.5
5.5
VCC
VCC
VCC
VCC
0.3VCC
0.8
0.2VCC
0.16VCC
–80
80
60
–40
40
30
4.0
2.4
2.2
4.0
2.4
4.0
2.4
2.0
0.8VCC
2.0
0.8VCC
0
0
0
0
Min.
Typ.
Max.
Symbol
Parameter
Unit
Power source voltage (ceramic)
f(XIN) = 8 MHz (High-, Middle-speed mode)
f(XIN) = 4 MHz (High-, Middle-speed mode)
f(XIN) = 2 MHz (High-, Middle-speed mode)
f(XIN) = 4 MHz (Double-speed mode)
f(XIN) = 2 MHz (Double-speed mode)
f(XIN) = 4 MHz (High-, Middle-speed mode)
f(XIN) = 2 MHz (High-, Middle-speed mode)
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0
Limits
VCC
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Power source voltage
Analog reference voltage
“H” input voltage
P00–P07, P10–P14, P20–P27,
P30–P37
“H” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“H” input voltage
RESET, XIN
“L” input voltage
P00–P07, P10–P14, P20–P27,
P30–P37
“L” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current (Note 2)
P00–P07, P10–P14, P20–P27,
P30–P37
“L” total peak output current (Note 2)
P00–P07, P10–P14, P20–P27,
P37
“L” total peak output current (Note 2)
P30–P36
“H” total average output current (Note 2)
P00–P07, P10–P14, P20–P27,
P30–P37
“L” total average output current (Note 2)
P00–P07, P10–P14, P20–P27,
P37
“L” total average output current (Note 2)
P30–P36
Note 1: Vcc = 4.0 to 5.5V
2: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
VSS
VREF
VIH
VIH
VIH
VIL
VIL
VIL
VIL
∑IOH(peak)
∑IOL(peak)
∑IOL(peak)
∑IOH(avg)
∑IOL(avg)
∑IOL(avg)
Power source voltage (RC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com