| Zakładka z wyszukiwarką danych komponentów |
|
286C6116FSC Arkusz danych(PDF) 2 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC Arkusz danych(HTML) 2 Page - Zilog, Inc. |
|
2 / 46 page ![]() 2 Z86C61/62/96 Z8® MICROCONTROLLER GENERAL DESCRIPTION (Continued) There are three basic address spaces available to support this configuration: Program Memory, Data Memory, and 236 General-Purpose Registers. To unburden the program from coping with the real-time tasks, such as counting/timing and serial data communi- cation, the Z86C61/62/96 offers two on-chip counter/tim- ers with a large number of user selectable modes, and an on-board UART (Figures 1, 2, and 3). Notes: All Signals with a preceding front slash, "/", are active Low, e.g., B//W (WORD is active Low); /B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Circuit Device Power V CC V DD Ground GND V SS Port 3 UART Counter/ Timers (2) Interrupt Control Port 2 I/O (Bit Programmable) ALU FLAGS Register Pointer Register File 256 x 8-Bit Machine Timing and Instruction Control Prg. Memory 16,384 x 8-Bit Program Counter Vcc GND XTAL 44 Port 0 Output Input Address or I/O (Nibble Programmable) Port 1 8 Address/Data or I/O (Byte Programmable) /AS /DS R//W /RESET Figure 1. Z86C61 Functional Block Diagram |