| Zakładka z wyszukiwarką danych komponentów |
|
Z86C9524ASC Arkusz danych(PDF) 7 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C9524ASC Arkusz danych(HTML) 7 Page - Zilog, Inc. |
|
7 / 18 page ![]() 7 Z86C95 DSP CPS DC-4067-13 ABSOLUTE MAXIMUM RATINGS Symbol Description Min Max Unit V DD Supply Voltage* –0.3 +7.0 V T STG Storage Temp –65 +150 C T A Oper Ambient Temp † † C Stresses greater than those listed under Absolute Maxi- mum Ratings may cause permanent damage to the de- vice. This is a stress rating only; operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for an extended pe- riod may affect device reliability. V Commutation DUT Device Under Test IOH OL I 50 pf Notes: * Voltages on all pins with respect to GND. † See Ordering Information STANDARD TEST CONDITIONS The characteristics listed below apply for standard test conditions as noted (Test Load Diagram). Test Load Diagram |