| Zakładka z wyszukiwarką danych komponentów |
|
E5AZ-R3HMT Arkusz danych(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AZ-R3HMT Arkusz danych(HTML) 1 Page - Omron Electronics LLC |
|
1 / 64 page ![]() 1 New Product Digital Temperature Controllers E5 @Z 1/16, 1/8, and 1/4 DIN Temperature Controllers Join the Best-selling E5 @Z Series • Models available with either temperature inputs or analog inputs. • A wide range of functions, such as a loop break alarm (LBA), manual output, and transfer output. • Easy-to-read 11-segment display. • Faster sampling at 250 ms. • Setting Tool port provided as a standard feature for easy connection to personal computers. • New protocol called Modbus is installed in the models with communications. Contents Digital Temperature Controllers E5CZ/E5CZ-U ................................. 2 E5AZ/E5EZ ..................................... 14 E5EZ-PRR.................................................... 37 Common to Updated E5 @Z Controllers • Operation...................................................... 26 • Precautions .................................................. 33 E5EZ-PRR • Operation...................................................... 43 • Precautions .................................................. 59 E5 @Z Series E5CZ 1/16 DIN 1/8 DIN E5EZ E5AZ 1/4 DIN E5EZ-PRR 1/8 DIN Digital Position-proportional Controller |
Podobny numer części - E5AZ-R3HMT |
|
Podobny opis - E5AZ-R3HMT |