| Zakładka z wyszukiwarką danych komponentów |
|
E5AZ-R3HMTD Arkusz danych(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AZ-R3HMTD Arkusz danych(HTML) 19 Page - Omron Electronics LLC |
|
19 / 64 page ![]() E5AZ/E5EZ 19 Alarm Types Select alarm types out of the 12 alarm types listed in the following table. Note: 1. With set values 1, 4 and 5, the upper and lower limit values can be set independently for each alarm type, and are expressed as “L” and “H.” 2. Set value: 1, Upper- and lower-limit alarm 3. Set value: 4, Upper- and lower-limit range 4. Set value: 5, Upper- and lower-limit with standby sequence For Upper- and Lower-Limit Alarm Described Above • Case 1 and 2 Always OFF when the upper-limit and lower-limit hysteresis overlaps. • Case 3: Always OFF 5. Set value: 5, Upper- and lower-limit with standby sequence Always OFF when the upper-limit and lower-limit hysteresis overlaps. 6. Set value: 12, LBA (loop break alarm) can be set only for alarm 1 type. Set the alarm types for alarms 1 to 3 independently in the initial setting level. The default setting is 2 (upper limit). Set value Alarm type Alarm output operation When X is posi- tive When X is nega- tive 0 Alarm function OFF Output OFF 1 (See note 1.) Upper- and lower- limit (See note 2.) 2 Upper limit 3 Lower limit 4 (See note 1.) Upper- and lower- limit range (See note 3.) 5 (See note 1.) Upper- and lower- limit with standby sequence (See note 5.) (See note 4.) 6 Upper-limit with standby sequence 7 Lower-limit with standby sequence 8 Absolute-value upper-limit 9 Absolute-value lower-limit 10 Absolute-value upper-limit with standby sequence 11 Absolute-value lower-limit with standby sequence 12 (See note 6.) LBA (for alarm 1 type only) --- ON OFF SP LH SP X ON OFF SP X ON OFF SP X ON OFF SP X ON OFF SP LH ON OFF SP LH ON OFF SP X ON OFF SP X ON OFF SP X ON OFF SP X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF 0 X ON OFF LH H <0, L>0 |H| < |L| SP Case 1 LH H >0, L<0 |H| > |L| SP Case 2 L H H <0, L<0 SP L H H <0, L>0 |H| ≥ |L| SP L H H >0, L<0 |H| ≤ |L| SP Case 3 (Always ON) LH H <0, L>0 |H| < |L| SP Case 1 LH H >0, L<0 |H| > |L| SP Case 2 L H H <0, L<0 SP L L H H <0, L>0 |H| ≥ |L| SP H H >0, L<0 |H| ≤ |L| SP Case 3 (Always ON) |