| Zakładka z wyszukiwarką danych komponentów |
|
H7CX-R11W-N Arkusz danych(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11W-N Arkusz danych(HTML) 13 Page - Omron Electronics LLC |
|
13 / 56 page ![]() H7CX-A @-N 13 Connection Sockets Front Connecting Socket Note: Round crimp terminals cannot be used on Finger-safe Sockets. Use forked crimp terminals. Back-connecting Sockets Note: A Y92A-48G Terminal Cover can be used with the Socket to create a finger-safe construction. Terminal Covers for P3GA-11 Back-connecting Socket Note: The Terminal Cover can be used with a Back-mounting Socket (P3GA-11) to create a finger-safe construction. Model Dimensions Terminal arrangement and internal connections Mounting hole dimensions P2CF-11 (Top View) Note: The Socket can also be mounted to DIN track. P2CF-11-E (Finger-safe Type) Model Dimensions Terminal arrangement and internal connections P3GA-11 (Bottom View) Model Dimensions Y92A-48G 4 70 max. 50 max. Two, 4.5-dia. holes Eleven, M3.5 × 7.5 sems screws 7.8 31.2 max. 4 3 8 7 6 5 10 11 1 2 9 3 4 40±0.2 Two, M4 or 4.5-dia. holes 10 11 12 7 86 5 3 4 9 P2CF-11-E 10A250VAC RESISTIVE 4 40±0.2 7.8 30 4.5 35.4 1.2 3 5 70 max. 50 max. Two, 4.5-dia. holes Eleven, M3.5 × 7.5 set screws 31.2 max. 27 dia. 4.5 16.3 6.2 25.6 45 45 8 7 6 4 3 9 5 10 11 1 2 Y92A-48G UP P C 34 Twelve, 6.4-dia. holes 47.7 × 47.7 48 × 48 27.6 24.6 16.5 47.4 |