| Zakładka z wyszukiwarką danych komponentów |
|
LM431BCZ Arkusz danych(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431BCZ Arkusz danych(HTML) 26 Page - Texas Instruments |
|
26 / 32 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM431CCM3X SOT-23 DBZ 3 3000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 LM431CCM3X/NOPB SOT-23 DBZ 3 3000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 LM431CIM3 SOT-23 DBZ 3 1000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 LM431CIM3/NOPB SOT-23 DBZ 3 1000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 LM431CIM3X SOT-23 DBZ 3 3000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 LM431CIM3X/NOPB SOT-23 DBZ 3 3000 178.0 8.4 3.3 2.9 1.22 4.0 8.0 Q3 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM431ACM3/NOPB SOT-23 DBZ 3 1000 210.0 185.0 35.0 LM431ACM3X SOT-23 DBZ 3 3000 210.0 185.0 35.0 LM431ACM3X/NOPB SOT-23 DBZ 3 3000 210.0 185.0 35.0 LM431ACMX/NOPB SOIC D 8 2500 367.0 367.0 35.0 LM431AIM3 SOT-23 DBZ 3 1000 210.0 185.0 35.0 LM431AIM3/NOPB SOT-23 DBZ 3 1000 210.0 185.0 35.0 LM431AIM3X/NOPB SOT-23 DBZ 3 3000 210.0 185.0 35.0 LM431AIMX/NOPB SOIC D 8 2500 367.0 367.0 35.0 LM431BCM3 SOT-23 DBZ 3 1000 210.0 185.0 35.0 LM431BCM3/NOPB SOT-23 DBZ 3 1000 210.0 185.0 35.0 LM431BCM3X/NOPB SOT-23 DBZ 3 3000 210.0 185.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 3-Nov-2015 Pack Materials-Page 2 |