Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3630 Arkusz danych(PDF) 33 Page - ams AG

Numer części AS3630
Szczegółowy opis  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Arkusz danych(HTML) 33 Page - ams AG

Back Button AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 33
Figure AS3630 – 27:
Indicator Blinking Function Waveform
Flash Strobe and Torch Sync to STROBE Timings
The timings are defined as follows:
1.
Flash duration defined by register flash_timeout and
flash is started immediately when this mode is selected
by the I²C command (see Figure 28):
set strobe_on = 0, start the flash by setting mode_setting
= 111b
2.
Flash duration defined by register flash_timeout and
flash started with a rising edge on pin STROBE (see
Figure 29):
set strobe_on = 1, strobe_type = 0 and setting
mode_setting = 111b
3.
Flash start and timing defined by the pin STROBE; the
flash duration is limited by the timeout timer defined by
flash_timeout (see Figure 30 and Figure 31):
set strobe_on = 1, strobe_type = 1 and setting
mode_setting = 111b
4.
Torch operation synchronized to pin STROBE; the
current is limited according to Figure 26:
setting mode_setting = 110b
Figure AS3630 – 28:
AS3630 Flash Duration Defined by flash_timeout without Using STROBE Input

   


 

 
 





 
  
 




 
 

!" #
$$$
% !
&




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72