| Zakładka z wyszukiwarką danych komponentów |
|
AS5403A-HTST Arkusz danych(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403A-HTST Arkusz danych(HTML) 32 Page - ams AG |
|
32 / 66 page ![]() Page 32 ams Datasheet Document Feedback [v1-06] 2015-Aug-28 AS5403A/D/E − Programming the AS5403 The 2nd and 3rd frames contain the command Read/ Write (1 bit) and the address (7+7 bits): Figure 37: 2nd and 3rd Frame Addressing Write Command Figure 38: Write Command Frames AD 3 AD 4 AD 5 AD 6 R/Wn par start stop AD 0 AD 1 AD 2 AD 10 AD 11 AD 12 AD 13 R/Wn par start stop AD 7 AD 8 AD 9 Synchronization frame: start stop D0 D1 D2 D3 D4 D5 D6 D7 par Write command frame low address: AD 0 AD 1 AD 2 AD 3 AD 4 par start stop AD 5 AD 6 R/ Wn Write command frame high address: AD 10 AD 11 AD 12 AD 13 R/Wn par start stop AD 7 AD 8 AD 9 Data L frame (LSBs of the data to write on address AD<13:0>): par start stop D0 0 D0 1 D0 2 D0 3 D0 4 D0 5 D0 6 D0 7 Data H frame (MSBs data to write on address AD<13:0>): par start stop D0 0 D0 1 D0 2 D0 3 D0 4 D0 5 D0 6 D0 7 |