| Zakładka z wyszukiwarką danych komponentów |
|
AS5601-ASOT Arkusz danych(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601-ASOT Arkusz danych(HTML) 20 Page - ams AG |
|
20 / 43 page ![]() Page 20 ams Datasheet Document Feedback [v1-02] 2014-Oct-29 AS5601 − Register Description ZPOS Registers These registers are used to configure the zero position (ZPOS). This register is used to align the electric grid of the incremental output with the mechanical grid of an encoder switch. CONF Register The CONF register supports customizing the AS5601. Figure 20 shows the mapping of the CONF register. PUSHTHR Register This register is used to set-up the contactless pushbutton function. This register must be adjusted according to the airgap and magnet configuration. The swing of the pushbutton function can be found by subtracting the AGC value of the pressed button from the AGC value of the released button. The threshold value for the contactless pushbutton should be half of the swing. Figure 20: CONF and ABN mapping Note(s) and/or Footnote(s): 1. Forced in Low Power Mode (LPM) Name Bit Position Description CONF Mapping PM(1:0) 1:0 Power Mode 00 = NOM, 01 = LPM1, 10 = LPM2, 11 = LPM3 HYST(1:0) 3:2 Hysteresis 00 = OFF, 01 = 1 LSB, 10 = 2 LSBs, 11 = 3 LSBs SF(1:0) 9:8 Slow Filter 00 = 16x (1); 01 = 8x; 10 = 4x; 11 = 2x FTH(2:0) 12:10 Fast Filter Threshold 000 = slow filter only, 001 = 6 LSBs, 010 = 7 LSBs, 011 = 9 LSBs,100 = 18 LSBs, 101 = 21 LSBs, 110 = 24 LSBs, 111 = 10 LSBs WD 13 Watchdog Timer 0 = OFF, 1 = ON (automatic entry into LPM3 low-power mode enabled) ABN Mapping ABN(3:0) 3:0 Output Positions and Update Rate 0000 : 8 (61 Hz) 0001 : 16 (122 Hz) 0010 : 32 (244 Hz) 0011 : 64 (488 Hz) 0100 : 128 (976 Hz) 0101 : 256 (1.9 kHz) 0110 : 512 (3.9 kHz) 0111 : 1024 (7.8 kHz) others : 2048 (15.6 kHz)) |