| Zakładka z wyszukiwarką danych komponentów |
|
V23832-R511-M101 Arkusz danych(PDF) 26 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23832-R511-M101 Arkusz danych(HTML) 26 Page - Infineon Technologies AG |
|
26 / 33 page ![]() V23832-T2531-M101 V23832-R511-M101 Technical Data Data Sheet 26 2003-11-19 Figure 15 Interfacing to LVPECL 2 x 300 Ω 100 Ω In P In N VCC BGR Rexternal (one setting applies to all outputs) REFR module pin internal logic signal Out P Out N Receiver Module Iout (adjust- able) Iout /10 600 Ω File: 3328 2 x 75 Ω In P In N VCC 2 x 150 Ω BGR Rexternal (one setting applies to all outputs) REFR module pin internal logic signal Out P Out N Receiver Module Iout (adjust- able) Iout /10 600 Ω File: 3329 |