| Zakładka z wyszukiwarką danych komponentów |
|
EM346-RTR Arkusz danych(PDF) 89 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346-RTR Arkusz danych(HTML) 89 Page - Silicon Laboratories |
|
89 / 142 page ![]() EM346 90 Rev 1.0 SC1_TXBEGB: Transmit DMA Begin Address Register B SC1_TXENDA: Address: 0x4000C814 Reset: 0x20000000 Register 8.16. SC1_TXBEGB: Transmit DMA Begin Address Register B Bit 31 30 29 28 27 26 25 24 Name 0 0 1 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 SC_TXBEGB Bit 7 6 5 4 3 2 1 0 Name SC_TXBEGB Bitname Bitfield Access Description SC_TXBEGB [13:0] RW DMA transmit buffer B start address. Register 8.17. SC1_TXENDA: Transmit DMA End Address Register A Bit 31 30 29 28 27 26 25 24 Name 0 0 1 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 SC_TXENDA Bit 7 6 5 4 3 2 1 0 Name SC_TXENDA Bitname Bitfield Access Description SC_TXENDA [13:0] RW Address of the last byte that will be read from the DMA transmit buffer A. |