| Zakładka z wyszukiwarką danych komponentów |
|
ADP1055ACPZ-R7 Arkusz danych(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 Arkusz danych(HTML) 60 Page - Analog Devices |
|
60 / 140 page ![]() ADP1055 Data Sheet Rev. A | Page 60 of 140 MANUFACTURER SPECIFIC COMMANDS Table 13 lists the manufacturer-specific PMBus commands that are implemented on the ADP1055. These commands are implemented in registers, which share the same hexadecimal value as the PMBus command code. All commands are maskable. Table 13. Manufacturer Specific Command List Command Code Command Name 0xFE00 GO_CMD 0xFE01 NM_DIGFILT_LF_GAIN_SETTING 0xFE02 NM_DIGFILT_ZERO_SETTING 0xFE03 NM_DIGFILT_POLE_SETTING 0xFE04 NM_DIGFILT_HF_GAIN_SETTING 0xFE05 LLM_DIGFILT_LF_GAIN_SETTING 0xFE06 LLM_DIGFILT_ZERO_SETTING 0xFE07 LLM_DIGFILT_POLE_SETTING 0xFE08 LLM_DIGFILT_HF_GAIN_SETTING 0xFE09 SS_DIGFILT_LF_GAIN_SETTING 0xFE0A SS_DIGFILT_ZERO_SETTING 0xFE0B SS_DIGFILT_POLE_SETTING 0xFE0C SS_DIGFILT_HF_GAIN_SETTING 0xFE0D OUTA_REDGE_SETTING 0xFE0E OUTA_FEDGE_SETTING 0xFE0F OUTB_REDGE_SETTING 0xFE10 OUTB_FEDGE_SETTING 0xFE11 OUTC_REDGE_SETTING 0xFE12 OUTC_FEDGE_SETTING 0xFE13 OUTD_REDGE_SETTING 0xFE14 OUTD_FEDGE_SETTING 0xFE15 SR1_REDGE_SETTING 0xFE16 SR1_FEDGE_SETTING 0xFE17 SR2_REDGE_SETTING 0xFE18 SR2_FEDGE_SETTING 0xFE19 SR1_REDGE_LLM_SETTING 0xFE1A SR1_FEDGE_LLM_SETTING 0xFE1B SR2_REDGE_LLM_SETTING 0xFE1C SR2_FEDGE_LLM_SETTING 0xFE1D ADT_CONFIG 0xFE1E ADT_THRESHOLD 0xFE1F OUTA_DEAD_TIME 0xFE20 OUTB_DEAD_TIME 0xFE21 OUTC_DEAD_TIME 0xFE22 OUTD_DEAD_TIME 0xFE23 SR1_DEAD_TIME 0xFE24 SR2_DEAD_TIME 0xFE25 VSBAL_SETTING 0xFE26 VSBAL_OUTA_B 0xFE27 VSBAL_OUTC_D 0xFE28 VSBAL_SR1_2 0xFE29 FFWD_SETTING 0xFE2A ISHARE_SETTING 0xFE2B ISHARE_BANDWIDTH 0xFE2C IIN_OC_FAST_SETTING 0xFE2D IOUT_OC_FAST_SETTING 0xFE2E IOUT_UC_FAST_SETTING 0xFE2F VOUT_OV_FAST_SETTING Command Code Command Name 0xFE30 DEBOUNCE_SETTING_1 0xFE31 DEBOUNCE_SETTING_2 0xFE32 DEBOUNCE_SETTING_3 0xFE33 DEBOUNCE_SETTING_4 0xFE34 VOUT_OV_FAST_FAULT_RESPONSE 0xFE35 IOUT_OC_FAST_FAULT_RESPONSE 0xFE36 IOUT_UC_FAST_FAULT_RESPONSE 0xFE37 IIN_OC_FAST_FAULT_RESPONSE 0xFE38 ISHARE_FAULT_RESPONSE 0xFE39 GPIO1_FAULT_RESPONSE 0xFE3A GPIO2_FAULT_RESPONSE 0xFE3B GPIO3_FAULT_RESPONSE 0xFE3C GPIO4_FAULT_RESPONSE 0xFE3D PWM_FAULT_MASK 0xFE3E DELAY_TIME_UNIT 0xFE3F WDT_SETTING 0xFE40 GPIO_SETTING 0xFE41 GPIO1_2_KARNAUGH_MAP 0xFE42 GPIO3_4_KARNAUGH_MAP 0xFE43 PGOOD_FAULT_DEB 0xFE44 PGOOD1_FAULT_SELECT 0xFE45 PGOOD2_FAULT_SELECT 0xFE46 SOFT_START_BLANKING 0xFE47 SOFT_STOP_BLANKING 0xFE48 BLACKBOX_SETTING 0xFE49 PWM_DISABLE_SETTING 0xFE4A FILTER_TRANSITION 0xFE4B DEEP_LLM_SETTING 0xFE4C DEEP_LLM_DISABLE_SETTING 0xFE4D OVP_FAULT_CONFIG 0xFE4E CS1_SETTING 0xFE4F CS2_SETTING 0xFE50 PULSE_SKIP_AND_SHUTDOWN 0xFE51 SOFT_START_SETTING 0xFE52 SR_DELAY 0xFE53 MODULATION_LIMIT 0xFE55 SYNC 0xFE56 DUTY_BAL_EDGESEL 0xFE57 DOUBLE_UPD_RATE 0xFE58 VIN_SCALE_MONITOR 0xFE59 IIN_CAL_GAIN 0xFE5A TSNS_SETTING 0xFE5B AUTO_GO_CMD 0xFE5C DIODE_EMULATION 0xFE5D CS2_CONST_CUR_MODE 0xFE5E NL_ERR_GAIN_FACTOR 0xFE5F SR_SETTING 0xFE60 NOMINAL_TEMP_POLE |