| Zakładka z wyszukiwarką danych komponentów |
|
USB2512I Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512I Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 57 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001692C-page 5 USB251xB/xBi Conventions Within this manual, the following abbreviations and symbols are used to improve readability. TABLE 1-1: SUMMARY OF COMPATIBILITIES BETWEEN USB251XB/XBI AND USB251X/XI/XA/XAI PRODUCTS Part Number Drop-in Replacement USB2512 USB2512B USB2512i USB2512Bi USB2512A USB2512B USB2512Ai USB2512Bi USB2513 USB2513B USB2513i USB2513Bi USB2514 USB2514B USB2514i USB2514Bi Example Description BIT Name of a single bit within a field FIELD.BIT Name of a single bit (BIT) in FIELD x…y Range from x to y, inclusive BITS[m:n] Groups of bits from m to n, inclusive PIN Pin Name zzzzb Binary number (value zzzz) 0xzzz Hexadecimal number (value zzz) zzh Hexadecimal number (value zz) rsvd Reserved memory location. Must write 0, read value indeterminate code Instruction code, or API function or parameter Section Name Section or Document name x Don’t care <Parameter> <> indicate a Parameter is optional or is only used under some conditions {,Parameter} Braces indicate Parameter(s) that repeat one or more times [Parameter] Brackets indicate a nested Parameter. This Parameter is not real and actually decodes into one or more real parameters. |