| Zakładka z wyszukiwarką danych komponentów |
|
MEC1322 Arkusz danych(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Arkusz danych(HTML) 30 Page - Microchip Technology |
|
30 / 456 page ![]() MEC1322 DS00001719D-page 30 2014 - 2015 Microchip Technology Inc. TABLE 1-31: MULTIPLEXING TABLE (10 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 73 Default: 0 GPIO110 PIO I VCC1 VCC1 No Gate 73 1 Reserved Reserved Reserved Reserved 73 2 Reserved Reserved Reserved Reserved 73 3 Reserved Reserved Reserved Reserved 74 Default: 0 GPIO130 PIO I VCC1 VCC1 No Gate 74 1 Reserved Reserved Reserved Reserved 74 2 Reserved Reserved Reserved Reserved 74 3 Reserved Reserved Reserved Reserved 75 0 GPIO013 PIO VCC1 VCC1 No Gate 75 1 Reserved Reserved Reserved Reserved 75 Default: 2 32KHZ_OUT PIO O-4mA VCC1 VCC1 75 3 Reserved Reserved Reserved Reserved 76 0 GPIO026 PIO VCC1 VCC1 No Gate 76 1 Reserved Reserved Reserved Reserved 76 Default: 2 nEC_SCI PIO OD-12mA VCC1 VCC1 76 3 Reserved Reserved Reserved Reserved 77 0 GPIO131 PIO VCC1 VCC1 No Gate 77 Default: 1 VCC1_RST# PIO OD-4mA VCC1 ON High 77 2 Reserved Reserved Reserved Reserved 77 3 Reserved Reserved Reserved Reserved 78 Default: 0 GPIO141 PIO I VCC1 VCC1 No Gate 78 1 PWM3 PIO VCC1 VCC1 78 2 LED3 PIO VCC1 VCC1 78 3 Reserved Reserved Reserved Reserved 79 VREF_PECI VREF_PECI VREF_PECI VREF_PECI 79 79 79 80 Default: 0 GPIO132 PIO I VCC1 VCC1 No Gate 80 1 PECI_DAT PECI_IO VREF_PECI VREF_PECI Low 80 2 Reserved Reserved Reserved Reserved 80 3 Reserved Reserved Reserved Reserved |