| Zakładka z wyszukiwarką danych komponentów |
|
MCSO2EL Arkusz danych(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND |
|
|
|||||||||||||||||||||||||||||
MCSO2EL Arkusz danych(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND |
|
2 / 2 page ![]() Version 11/08.2015 Micro Crystal AG Tel. +41 32 655 82 82 Mühlestrasse 14 Fax +41 32 655 82 83 CH-2540 Grenchen sales@microcrystal.com Switzerland www.microcrystal.com ENVIRONMENTAL CHARACTERISTICS: Storage temp. range -65 to +125°C Vibration resistance 10 to 2000Hz / 40g Shocks resistance 10000g / 0.3ms / ½ sine TERMINATIONS AND PROCESSING: Reflowsoldering +260°C / 10s max Package Ceramic 5 x 3.2 x 1.6mm Lids Ceramic Terminations option T3 on request (not available on G temperature range) with tinned Ag/Cu/Zn E/D option 1 on request Reactiontime˂5mS Pin1open→Pin3Clock H → Clock L → Low PRODUCT DESCRIPTION AND ORDERING INFORMATION: All specifications subject to change without notice. Frequency «kHz» 32.768 Other frequencies from up to 50 kHz on request STANDARD FREQUENCIES: - No power E/D function (pin 1) before Vdd is setting on -Disableoption(consumption≤5μA). W = Vdd 2.5V V = Vdd 3.3V blank = Vdd 5V C = -55 to 125°C E = -55 to 150°C D = -55 to 175°C G = -55 to 200°C X = custom Frequency option 1 E/D enable / disable option 2 blank Au plasted T3 = tinned customer spec N° MCSO2EL V - D 32kHz E/D T3 XXX TabLE 1: Idd (With load 10pF) Frequency F=32 kHz W=Vdd = 2.5V <100μA V=Vdd = 3.3V <110μA blank=Vdd = 5V <120μA Auniquepartnumberwillbegeneratedforeachproductspecification:i.e: 20xxxx-EA00 xxx pcs (in ESD plastic tray) 200xxx-ML00 xxx pcs (in tape & reel, any quantity) |