Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6599AFD Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części L6599AFD
Szczegółowy opis  Very low temperature improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AFD Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button L6599AFD Datasheet HTML 18Page - STMicroelectronics L6599AFD Datasheet HTML 19Page - STMicroelectronics L6599AFD Datasheet HTML 20Page - STMicroelectronics L6599AFD Datasheet HTML 21Page - STMicroelectronics L6599AFD Datasheet HTML 22Page - STMicroelectronics L6599AFD Datasheet HTML 23Page - STMicroelectronics L6599AFD Datasheet HTML 24Page - STMicroelectronics L6599AFD Datasheet HTML 25Page - STMicroelectronics L6599AFD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application information
L6599AF
22/32
DocID028175 Rev 3
Figure 12. Soft-start and delayed shutdown upon overcurrent timing diagram
This function is realized with pin 2 (DELAY), by means of a capacitor CDelay and a parallel
resistor RDelay connected to ground. As the voltage on the ISEN pin exceeds 0.8 V the first
OCP comparator, in addition to discharging CSS, turns on an internal current generator that
sources 150 µA from the DELAY pin and charges CDelay. During an overload/short-circuit,
the OCP comparator and the internal current source is repeatedly activated and CDelay is
charged with an average current that depends essentially on the time constant of the current
sense filtering circuit on CSS and the characteristics of the resonant circuit; the discharge
due to RDelay can be neglected, considering that the associated time constant is typically
much longer.
This operation continues until the voltage on CDelay reaches 2 V, which defines the time
TSH. There is no simple relationship that links TSH to CDelay, therefore it is more practical to
determine CDelay experimentally. As a rough indication, with CDelay = 1 µF, TSH is in the
order of 100 ms.
Once CDelay is charged at 2 V the internal switch that discharges CSS is forced low
continuously regardless of the OCP comparator output, and the 150 µA current source is
continuously on, until the voltage on CDelay reaches 3.5 V. This phase lasts:
Equation 9
with TMP expressed in ms and CDelay in µF. During this time the L6599AF runs at
a frequency close to fstart (see Section 6.3: Soft-start) to minimize the energy inside the
resonant circuit. As the voltage on CDelay is 3.5 V, the L6599AF stops switching and the
PFC_STOP pin is pulled low. Also the internal generator is turned off, so that CDelay is now
slowly discharged by RDelay. The IC restarts when the voltage on CDelay is less than 0.3 V,
which takes:
Equation 10
Delay
MP
C
10
T
Delay
Delay
3
.
0
5
.
3
Delay
Delay
STOP
C
R
5
.
2
ln
C
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32