| Zakładka z wyszukiwarką danych komponentów |
|
RPC56EL60L5CFSR Arkusz danych(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFSR Arkusz danych(HTML) 34 Page - STMicroelectronics |
|
34 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 34/137 DocID026934 Rev 1 Figure 3. RPC56EL60L5 LFBGA257 pinout (top view) Table 3, and Table 4 provide the pin function summaries for the 144-pin, and 257-pin packages, respectively, listing all the signals multiplexed to each pin. 12 345 6789 10 11 12 13 14 15 16 17 A VSS_HV _IO VSS_HV _IO VDD_HV _IO H[2] H[0] G[14] D[3] C[15] VDD_HV _IO A[12] H[10] H[14] A[10] B[2] C[10] VSS_HV _IO VSS_HV _IO B VSS_HV _IO VSS_HV _IO B[6] A[14] F[3] A[9] D[4] D[0] VSS_HV _IO H[12] E[15] E[14] B[3] F[13] B[0] VDD_HV _IO VSS_HV _IO C VDD_HV _IO NC(1) VSS_HV _IO FCCU_ F[1] D[2] A[13] VDD_HV _REG_2 VDD_HV _REG_2 I[0] JCOMP H[11] I[1] F[14] B[1] VSS_HV _IO A[4] F[12] D F[5] F[4] A[15] C[6] VSS_LV_ COR VDD_LV_ COR F[0] VDD_HV _IO VSS_HV _IO NC A[11] E[13] F[15] VDD_HV _IO VPP _TEST D[14] G[3] E MDO0 F[6] D[1] NMI NC C[14] G[2] I[3] F H[1] G[12] A[7] A[8] VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR VDD_LV_ COR NC C[13] I[2] G[4] G H[3] VDD_HV _IO C[5] A[6] VDD_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VSS_LV_ COR VDD_LV_ COR D[12] H[13] H[9] G[6] H G[13] VSS_HV _IO C[4] A[5] VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VSS_LV VDD_HV _REG_1 VDD_HV _FLA H[6] J F[7] G[15] VDD_HV _REG_0 VDD_HV _REG_0 VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV VDD_LV VDD_HV _REG_1 VSS_HV _FLA H[15] K F[9] F[8] C[7] VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV NC H[8] H[7] A[3] L F[10] F[11] D[9] NC VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV NC TCK H[4] B[4] M VDD_HV _OSC VDD_HV _IO D[8] NC VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV C[11] B[5] TMS H[5] N XTAL VSS_HV _IO D[5] VSS_LV_ PLL NC C[12] A[2] G[5] P VSS_HV _OSC RESET D[6] VDD_LV_ PLL VDD_LV_ COR VSS_LV_ COR B[8] NC VSS_HV _IO VDD_HV _IO B[14] VDD_LV_ COR VSS_LV_ COR VDD_HV _IO G[10] G[8] G[7] R EXTAL FCCU _F[0] VSS_HV _IO D[7] B[7] E[6] VDD_HV _ADR0 B[10] VDD_HV _ADR1 B[13] B[15] C[0] BCTRL A[1] VSS_HV _IO D[11] G[9] T VSS_HV _IO VDD_HV _IO NC C[1] E[5] E[7] VSS_HV _ADR0 B[11] VSS_HV _ADR1 E[9] E[10] E[12] E[0] A[0] D[10] VDD_HV _IO VSS_HV _IO U VSS_HV _IO VSS_HV _IO NC E[4] C[2] E[2] B[9] B[12] VDD_HV _ADV VSS_HV _ADV E[11] NC NC VDD_HV _PMU G[11] VSS_HV _IO VSS_HV _IO 12 345 6789 10 11 12 13 14 15 16 17 1. NC = Not connected (the pin is physically not connected to anything on the device) Table 3. LQFP144 pin function summary Pin # Port/function Peripheral Output function Input function 1NMI — |