| Zakładka z wyszukiwarką danych komponentów |
|
STCOM10 Arkusz danych(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCOM10 Arkusz danych(HTML) 49 Page - STMicroelectronics |
|
49 / 58 page ![]() DocID028515 Rev 1 49/58 STCOM Electrical characteristics 58 Table 21. I/O characteristics Symbol Parameter(1) Conditions Min. Typ. Max. Unit I (I/O) Output current sunk by any I/Os and control pin See(1) 8 mA Output current source by any I/Os and control pin See(1) 8 1. Guaranteed by design, not tested in production. Table 22. Digital supply characteristics - power consumption under battery Symbol Parameter Conditions Min. Typ. Max. Unit I(DVDD_VBAT) Digital supply current under VBAT 1.3 A |