| Zakładka z wyszukiwarką danych komponentów |
|
L9779WD Arkusz danych(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD Arkusz danych(HTML) 156 Page - STMicroelectronics |
|
156 / 170 page ![]() Functional description L9779WD 156/170 DocID027452 Rev 5 Diagnostic register 6 and 7 DIA_REG6 Diagnostic register 6 Address: 0110b Type: R (Read only) Reset: 7 6543210 Configured as single power stages OUT24_DIAG OUT23_DIAG OUT22_DIAG OUT21_DIAG Configured as H bridge H1_DIAG Configured as single power stages [7-6] OUT24_diag[1:0]: Diagnosis bit of OUT24 00: Short-circuit to ground 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL [5-4] OUT23_diag[1:0]: Diagnosis bit of OUT23 00: Short-circuit to VB 01: Open load (OL) 10: Short-circuit to GND 11: Power stage OK NO FAIL [3-2] OUT22_diag[1:0]: Diagnosis bit of OUT22 00: Short-circuit to ground 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL [1-0] OUT21_diag[1:0]: Diagnosis bit of OUT21 00: Short-circuit to VB 01: Open load (OL) 10: Short-circuit to GND 11: Power stage OK NO FAIL Configured as H bridge [7-0] H1_diag[7:0]: Diagnosis bit of H1 bridge 00000001: Short to Ground (OFF) 00000101: Short to VBAT (OFF) 00000100: Open Load (OFF) 00000010: Open Load (ON) 00000011: Over current (ON) 00000111: Fault detection running (ON) 11111111: Power stages OK NO FAULT All other combinations: NOT USED |