| Zakładka z wyszukiwarką danych komponentów |
|
L9779WD Arkusz danych(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD Arkusz danych(HTML) 157 Page - STMicroelectronics |
|
157 / 170 page ![]() DocID027452 Rev 5 157/170 L9779WD Functional description 169 DIA_REG7 Diagnostic register 7 Address: 1010b Type: R (Read only) Reset: 7654 321 0 Configured as single power stages OUT28_DIAG OUT27_DIAG OUT26_DIAG OUT25_DIAG Configured as H bridge H2_DIAG Configured as single power stages [7-6] OUT28_DIAG[1:0]: Diagnosis bit of OUT28 00: Short-circuit to ground 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL [5-4] OUT27_DIAG[1:0]: Diagnosis bit of OUT27 00: Short-circuit to ground 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL [3-2] OUT26_DIAG[1:0]: Diagnosis bit of OUT26 00: Short-circuit to VB 01: Open load (OL) 10: Short-circuit to GND 11: Power stage OK NO FAIL [1-0] OUT25_DIAG[1:0]: Diagnosis bit of OUT25 00: Short-circuit to VB 01: Open load (OL) 10: Short-circuit to GND 11: Power stage OK NO FAIL Configured as H bridge [7-0] H2_diag[7:0]: Diagnosis bit of H2 bridge 00000001: Short to Ground (OFF) 00000101: Short to VBAT (OFF) 00000100: Open Load (OFF) 00000010: Open Load (ON) 00000011: Over current (ON) 00000111: Fault detection running (ON) 11111111: Power stages OK NO FAULT All other combinations: NOT USED |