Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M95M01-DWMN3TP Arkusz danych(PDF) 39 Page - STMicroelectronics

Numer części M95M01-DWMN3TP
Szczegółowy opis  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN3TP Arkusz danych(HTML) 39 Page - STMicroelectronics

Back Button M95M01-DWMN3TP Datasheet HTML 32Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 33Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 34Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 35Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 36Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 37Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 38Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 39Page - STMicroelectronics M95M01-DWMN3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID023214 Rev 6
39/40
M95M01-A125 M95M01-A145
Revision history
39
11
Revision history
Table 19. Document revision history
Date
Revision
Changes
06-Jun-2012
1
Initial release.
30-Jul-2012
2
–VCC range R3 replaced with range W3
– Max clock frequency defined as 16 MHz when VCC > 4.5 V inside
the [-40 °C / +85 °C] temperature range
14-Feb-2013
3
– Removed UFDFPN8 (MLP8) package.
– Updated VRES maximum value in Table 13: DC characteristics
(voltage range W, temperature range 4) and Table 14: DC
characteristics (voltage range W, temperature range 3).
– Rephrased introduction of Section 3.5: Identification page and
information about Identification page in Section 6: Delivery state.
– Deleted note(1) under Table 6: Instruction set.
10-Apr-2013
4
Document reformatted.
Document status changed from “Preliminary data” to “Production
data”.
Updated note (1) under Table 8: Absolute maximum ratings.
04-Feb-2014
5
Changed Data retention from “40 years at 55 °C” to “50 years at
125 °C” in Features.
Removed bullets in Section 4.2: Write Disable (WRDI) (refer to
Section : WEL bit).
Removed redundant sentence after Table 5: Device identification
bytes.
31-Oct-2014
6
Updated Note 2 below Table 8: Absolute maximum ratings
Updated Table 14: DC characteristics (voltage range W, temperature
range 3)
Updated Table 18: Ordering information scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40