| Zakładka z wyszukiwarką danych komponentów |
|
M95020-DWMN3TP Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95020-DWMN3TP Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 41 page ![]() DocID025284 Rev 5 35/41 M95020-A125 M95020-A145 Package mechanical data 40 Figure 22. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 15. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |