| Zakładka z wyszukiwarką danych komponentów |
|
M95320-DRMN8TP Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-DRMN8TP Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 41 page ![]() Instructions M95320-DRE 20/41 DocID027471 Rev 1 4.6 Write to Memory Array (WRITE) The WRITE instruction is used to write new data in the memory. As shown in Figure 10, to send this instruction to the device, Chip Select (S) is first driven low. The bits of the instruction byte, address bytes, and at least one data byte are then shifted in (MSB first), on Serial Data Input (D). The instruction is terminated by driving Chip Select (S) high at a data byte boundary. Figure 10 shows a single byte write. Figure 10. Byte Write (WRITE) sequence 1. Depending on the memory size, as shown in Table 7, the most significant address bits are Don’t Care. A Page write is used to write several bytes inside a page, with a single internal Write cycle. For a Page write, Chip Select (S) has to remain low, as shown in Figure 11, so that the next data bytes are shifted in. Each time a new data byte is shifted in, the least significant bits of the internal address counter are incremented. If the address counter exceeds the page boundary (the page size is 32 bytes), the internal address pointer rolls over to the beginning of the same page where next data bytes will be written. If more than 32 bytes are received, only the last 32 bytes are written. For both Byte write and Page write, the self-timed Write cycle starts from the rising edge of Chip Select (S), and continues for a period tW (as specified in Table 13). The instruction is discarded, and is not executed, under the following conditions: • if a Write cycle is already in progress • if the addressed page is in the region protected by the Block Protect (BP1 and BP0) bits • if one of the conditions defined in Section 3.4.1 is not satisfied Note: The self-timed Write cycle tW is internally executed as a sequence of two consecutive events: [Erase addressed byte(s)], followed by [Program addressed byte(s)]. An erased bit is read as “0” and a programmed bit is read as “1”. |