| Zakładka z wyszukiwarką danych komponentów |
|
SR1-HABU Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SR1-HABU Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() DocID026048 Rev 2 5/21 SR1 Device overview 21 2 Device overview Figure 3. SR1 block diagram Table 1. Signal names Pin n° Name Type Description 1RST Output Reset output, active low, open drain. 2VSS Supply ground Ground 3SR Input Smart Reset input, active low. 4VCC Supply voltage Positive supply voltage for the device. A 0.1 µF decoupling ceramic capacitor is recommended to be connected between VCC and VSS pins. 5 NC - Not connected (not bonded); should be connected to VSS. 6 NC - Not connected (not bonded); should be connected to VSS. |