| Zakładka z wyszukiwarką danych komponentów |
|
ST25TA64K Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TA64K Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 45 page ![]() RF command sets ST25TA64K 24/45 DocID027764 Rev 1 5.6.4 Capability Container Select command The RF host uses the Capability Container Select procedure to select the capability container (CC) file. The CC file is selected when this command returns "command completed" in the R-APDU. Table 22 defines the C-APDU of the Select command to select the CC file (called Capability Container Select). Table 23 defines the R-APDU of the CC Select command. 5.6.5 NDEF Select command The RF host uses the NDEF Select command to select the NDEF file. The NDEF file is selected when this command returns "command completed" in the R- APDU. Table 24 defines the C-APDU of the Select command to select the NDEF file (called NDEF Select). Table 21. R-APDU of the NDEF Tag Application Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 NDEF Tag Application not found Value - 0x6D 0x00 Class not supported Table 22. C-APDU of the Capability Container Select command Name CLA INS P1 P2 Lc Data Le - 0x00 0xA4 0x00 0x0C 0x02 0xE103 - Class byte Select instruction code P1 field P2 field Number of bytes of data CC file ID - Table 23. R-APDU of the Capability Container Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 File or application not found Value - 0x6D 0x00 Class not supported |