| Zakładka z wyszukiwarką danych komponentów |
|
LSM6DS3 Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS3 Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 100 page ![]() Pin description LSM6DS3 18/100 DocID026899 Rev 8 3.1 Pin connections The LSM6DS3(a) offers the flexibility to connect the pins in order to have two different mode connections and functionalities. In detail: Mode 1: I2C slave interface or SPI (3- and 4-wire) serial interface is available; Mode 2: I2C slave interface or SPI (3- and 4-wire) serial interface and I2C interface master for external sensor connections are available; In the following table each mode is described for the pin connection and function. Figure 2. LSM6DS3 connection modes a. The LSM6DS3H is recommended for optimal OIS/EIS performance. |