| Zakładka z wyszukiwarką danych komponentów |
|
STM32F446RC Arkusz danych(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RC Arkusz danych(HTML) 75 Page - STMicroelectronics |
|
75 / 201 page ![]() DocID027107 Rev 5 75/201 STM32F446xC/E Electrical characteristics 174 Table 14. Current characteristics Symbol Ratings Max. Unit ΣIVDD Total current into sum of all VDD power lines (source)(1) 240 mA Σ IVSS Total current out of sum of all VSS ground lines (sink)(1) - 240 Σ IVDDUSB Total current into VDDUSB power line (source) 25 IVDD Maximum current into each VDD power pin (source)(1) 100 IVSS Maximum current out of each VSS ground pin (sink)(1) - 100 IIO Output current sunk by any I/O and control pin 25 Output current sourced by any I/Os and control pin - 25 ΣIIO Total output current sunk by sum of all I/Os and control pins (2) 120 Total output current sunk by sum of all USB I/Os 25 Total output current sourced by sum of all I/Os and control pins(2) -120 IINJ(PIN) Injected current on FT, FTf, RST and B pins –5/+0(3) Injected current on TTa pins ±5(4) ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) ±25 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. 3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum value. 4. A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 13 for the maximum allowed input voltage value. 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). Table 15. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 125 °C |