Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F479IG Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części STM32F479IG
Szczegółowy opis  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479IG Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button STM32F479IG Datasheet HTML 8Page - STMicroelectronics STM32F479IG Datasheet HTML 9Page - STMicroelectronics STM32F479IG Datasheet HTML 10Page - STMicroelectronics STM32F479IG Datasheet HTML 11Page - STMicroelectronics STM32F479IG Datasheet HTML 12Page - STMicroelectronics STM32F479IG Datasheet HTML 13Page - STMicroelectronics STM32F479IG Datasheet HTML 14Page - STMicroelectronics STM32F479IG Datasheet HTML 15Page - STMicroelectronics STM32F479IG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 208 page
background image
Description
STM32F479xx
12/208
DocID028010 Rev 2
These features make the STM32F479xx microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
Figure 5 shows the general block diagram of the device family.
Table 2. STM32F479xx features and peripheral counts
Peripherals
STM32F479Ax STM32F479Ix STM32F479Bx STM32F479Nx
Flash memory in Kbytes
1024
2048
1024
2048
1024
2048
1024
2048
SRAM in
Kbytes
System
384(160+32+128+64)
Backup
4
FMC memory controller
Yes
Quad-SPI
Yes
Ethernet
No
Yes
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Random number generator
Yes
Communication
interfaces
SPI / I2S
6/2(full duplex)(1)
I2C3
USART/UART
4/4
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
SAI
1
SDIO
Yes
Camera interface
Yes
MIPI-DSI Host
Yes
LCD-TFT
Yes
Chrom-ART Accelerator™
(DMA2D)
Yes
Cryptography
Yes
GPIOs
114
131
161
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More