| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC00ADBLE Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC00ADBLE Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Jan-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9753301Q2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9753301Q2A SNJ54LVC 00AFK 5962-9753301QCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9753301QC A SNJ54LVC00AJ 5962-9753301QDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9753301QD A SNJ54LVC00AW 5962-9753301VDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9753301VD A SNV54LVC00AW SN74LVC00AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADBLE OBSOLETE SSOP DB 14 TBD Call TI Call TI -40 to 125 SN74LVC00ADBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC00A SN74LVC00ADBRE4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC00A SN74LVC00ADBRG4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC00A SN74LVC00ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A SN74LVC00ADT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC00A |