| Zakładka z wyszukiwarką danych komponentów |
|
VD5377CBGP Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBGP Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 88 page ![]() Doc ID 022952 Rev 2 39/88 VD5377 Additional features 7 Additional features 7.1 Auto-movement filter An auto-movement filter has been added in VD5377 rev 2.0 to enhance the navigation performance in high ambient light conditions. The filter can only be enabled in automatic power mode(b). On initial wakeup, after sleep, the filter will hold the sensor in the lowest run state until motion is seen is X times in Y period. Both X and Y are programmable. With the default settings, the AMF will look for motion in three separate 7 ms periods. Once motion is seen in one 7 ms period, the filter will immediately move onto the next 7 ms period. b. Automatic power mode without standby (SYSTEM_CONFIG 0x5 = 0x09) does not function correctly when the auto-movement filter is enabled. Suggested workaround is to use automatic power mode with use_standby_pin enabled. Alternatively, there is a firmware patch available which can be requested from STMicroelectronics. Table 24. Auto-movement filter Addr (Hex) Register name Signal name Bit Type Default (Hex) Comment 8d AUTO_MOVEMENT_ CTRL1 bAutoMoveFilterEn able 0RW 00 Auto movement filter enable 0 = Disable 1 = Enable ucAutoMoveFilterFr ameNb 6:1 RW 07 Number of frames on which the auto movement filter is applied (must be greater than 1). bAutoMoveSaturate dExpo 7RW 00 When image in high light and exposure (reg 0x47) is set to 1, flag used by engine to discard motion in this condition. 0 = Disable 1 = Enable |