| Zakładka z wyszukiwarką danych komponentów |
|
VIPER06LSTR Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06LSTR Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 28 page ![]() Package mechanical data VIPER06 22/28 Doc ID 022794 Rev 1 16 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Note: 1 The lead size includes the thickness of the lead finishing material. 2 Dimensions do not include mold protrusion, not to exceed 0.25 mm in total (both sides). 3 Package outline exclusive of metal burr dimensions. 4 Datum plane “H” coincident with the bottom of lead, where lead exits body (refer to Figure 29 on page 23). Table 8. DIP-7 mechanical data Dim. mm Typ Min Max A 5.33 A1 0.38 A2 3.30 2.92 4.95 b 0.46 0.36 0.56 b2 1.52 1.14 1.78 c 0.25 0.20 0.36 D 9.27 9.02 10.16 E 7.87 7.62 8.26 E1 6.35 6.10 7.11 e 2.54 eA 7.62 eB 10.92 L 3.30 2.92 3.81 M(1)(2) 1. Creepage distance > 800 V. 2. Creepage distance as given in the 664-1 CEI / IEC standard. 2.508 N 0.50 0.40 0.60 N1 0.60 O(2)(3) 3. Creepage distance 250 V. 0.548 |