| Zakładka z wyszukiwarką danych komponentów |
|
VS6663CD Arkusz danych(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CD Arkusz danych(HTML) 43 Page - STMicroelectronics |
|
43 / 64 page ![]() Doc ID027033 Rev 2 43/64 VS6663CD Video timing 47 The equation relating the framerate to the line length, frame length and the video timing pixel clock frequency is: Table 24 provides examples of frame timing for Raw10 CSI-2 mode for 30 fps at a variety of external clock frequencies. 6.2.3 Bayer pattern The three color (Red, Green, Blue) filters are arranged over the pixel array in a repeated 2x2 arrangement known as the Bayer Pattern. When the sensor array is read, the output order of red, green, blue depends on the settings of vertical flip and horizontal mirror. Figure 17 shows the read-out order for the default settings of vertical flip and horizontal mirror turned off. Vertical flip changes the first line to be output from a green/red line to a blue/green line and horizontal mirror changes the sequence within a line, for example, green/red to red/green. As shown in Figure 17, the first pixel to be readout from the imaging array will be green followed by red. Table 24. External clock frequency examples - 1.3 Mpixel resolution Raw10 30 fps Ext clk freq Pre-PLL clk div PLL multiplier VT sys clk div VT pixel clk div VT pixel clk freq Line length Frame length MHz Integer Integer (Dec) Integer Integer MHz Pixel clks Lines (Dec) 9.60 1 83 1 10 79.68 2640 1006 12.00 2 133 1 10 79.80 2640 1007 13.00 2 123 1 10 79.95 2640 1009 Framerate vt_pix_clk_freq_mhz line_length_pck frame_length_line × ----------------------------------------------------------------------------------------------- = |