| Zakładka z wyszukiwarką danych komponentów |
|
RM46L430 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
RM46L430 Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 179 page ![]() Product Folder Sample & Buy Technical Documents Tools & Software Support & Community RM46L430, RM46L830 SPNS182C – SEPTEMBER 2012 – REVISED JUNE 2015 RM46Lx30 16- and 32-Bit RISC Flash Microcontroller 1 Device Overview 1.1 Features 1 • High-Performance Microcontroller for Safety- • Enhanced Timing Peripherals for Motor Control Critical Applications – 7 Enhanced Pulse Width Modulator (ePWM) – Dual CPUs Running in Lockstep Modules – ECC on Flash and RAM Interfaces – 6 Enhanced Capture (eCAP) Modules – Built-In Self-Test (BIST) for CPU and On-chip – 2 Enhanced Quadrature Encoder Pulse (eQEP) RAMs Modules – Error Signaling Module With Error Pin • Two Next Generation High-End Timer (N2HET) Modules – Voltage and Clock Monitoring – N2HET1: 32 Programmable Channels • ARM® Cortex®-R4F 32-Bit RISC CPU – N2HET2: 18 Programmable Channels – 1.66 DMIPS/MHz With 8-Stage Pipeline – 160-Word Instruction RAM Each With Parity – FPU With Single- and Double-Precision Protection – 12-Region Memory Protection Unit (MPU) – Each N2HET Includes Hardware Angle – Open Architecture With Third-Party Support Generator • Operating Conditions – Dedicated High-End Timer Transfer Unit (HTU) – Up to 200-MHz System Clock for Each N2HET – Core Supply Voltage (VCC): 1.14 to 1.32 V • Two 12-Bit Multibuffered Analog-to-Digital – I/O Supply Voltage (VCCIO): 3.0 to 3.6 V Converter (MibADC) Modules • Integrated Memory – ADC1: 24 Channels – 1.25MB of Program Flash With ECC – ADC2: 16 Channels Shared With ADC1 (RM46L830) – 64 Result Buffers Each With Parity Protection – 1MB of Program Flash With ECC (RM46L430) • Multiple Communication Interfaces – 192KB of RAM With ECC (RM46L830) – USB – 128KB of RAM With ECC (RM46L430) • 2-Port USB Host Controller – 64KB of Flash for Emulated EEPROM With • One Full-Speed USB Device Port ECC – Three CAN Controllers (DCANs) • 16-Bit External Memory Interface (EMIF) • 64 Mailboxes Each With Parity Protection • Common Platform Architecture • Compliant to CAN Protocol Version 2.0A and – Consistent Memory Map Across Family 2.0B – Real-Time Interrupt (RTI) Timer (OS Timer) – Inter-Integrated Circuit (I2C) – 128-Channel Vectored Interrupt Module (VIM) – Three Multibuffered Serial Peripheral Interface – 2-Channel Cyclic Redundancy Checker (CRC) (MibSPI) Modules • Direct Memory Access (DMA) Controller • 128 Words Each With Parity Protection – 16 Channels and 32 Peripheral Requests • 8 Transfer Groups – Parity Protection for Control Packet RAM – Up to Two Standard Serial Peripheral Interface – DMA Accesses Protected by Dedicated MPU (SPI) Modules • Frequency-Modulated Phase-Locked Loop – Two UART (SCI) Interfaces, One With Local (FMPLL) With Built-In Slip Detector Interconnect Network (LIN 2.1) Interface • Separate Nonmodulating PLL Support • IEEE 1149.1 JTAG, Boundary Scan and ARM • Packages CoreSight™ Components – 144-Pin Quad Flatpack (PGE) [Green] • Advanced JTAG Security Module (AJSM) – 337-Ball Grid Array (ZWT) [Green] • Calibration Capabilities – Parameter Overlay Module (POM) • 16 General-Purpose Input/Output (GPIO) Pins Capable of Generating Interrupts 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Podobny numer części - RM46L430 |
|
Podobny opis - RM46L430 |