| Zakładka z wyszukiwarką danych komponentów |
|
EX78822-R3B-T Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX78822-R3B-T Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 6 page ![]() EX78000 Series www.EtherWAN.com 1 rev. A3 Overview EtherWAN's EX78000 Series provides a hardened 12-port switching platform supporting IEEE802.3at Power over Ethernet, high performance switching with robust management features required for mission-critical and harsh environments where sustained connectivity is crucial. The EX78000 Series is equipped with 8 10/100BASE-TX PoE ports, in combination with two Gigabit SX/LX/BX/WDM Fiber ports with SFP options. The IEEE802.3at PoE ports provide up to 30W/port with a total power budget of 180W, making the switch truly versatile for connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements such as outdoor PTZ dome cameras, wireless access points, and way-side communication devices. Din rail mountable, the EX78000 Series is equipped with EtherWAN's Alpha-Ring self-healing ring technology providing less than 15ms fault recovery time. Users are able to access management features such as port security, IGMP snooping, port-based VLAN, GARP protocols, link aggregation, via web browser, telnet, SSH, SNMP, RMON, TFTP, and RS-232 console interfaces. With the hardened specifications, the EX78000 Series is designed to operate at -40°C to 75°C in harsh environments, where high ESD, shock, and vibration may be present. EtherWAN — "When Connectivity is Crucial." Spotlight •VersatilePoEConnectivity ◦ 10-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-TX/SX/LX/SFP ◦ Port 1 to 8 supports IEEE802.3af or IEEE802.3at Power over Ethernet •HardenedGrade ◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments ◦ Fanless and ruggedized housing ◦ High shock and electric noise immunity ◦ Complies with NEMA TS2 for traffic control equipment •SecureRemoteAccess ◦ IEEE802.1x and RADIUS support EX78000Series HardenedManaged10-port10/100BASE(8xPoE)and 2-portGigabitEthernetSwitch UL 508 30W PoE NEMA TS2 SFP Option 15W PoE |
Podobny numer części - EX78822-R3B-T |
|
Podobny opis - EX78822-R3B-T |