| Zakładka z wyszukiwarką danych komponentów |
|
CD5CC080DO3F Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CD5CC080DO3F Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Mica Capacitors Miniature Dipped Types CD5, CD6, CD7, CDS5, CDS10, D7, CDS15, CDS19, CDS30 Cap Volts Catalog L H T S d Cap Volts Catalog L H T S d (pF) (Vdc) Part Number inches (mm) inches (mm) inches (mm) inches (mm) inches (mm) (pF) (Vdc) Part Number inches (mm) inches (mm) inches (mm) inches (mm) inches (mm) 1 300 CD5CC010DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 7 300 CDS5CC070DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 1 300 CDS5CC010DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 7 500 CD6CD070DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 1 500 CD6CD010DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 7 500 CDS10CD070DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 1 500 CDS10CD010DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 7 500 CDS15CD070DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 1 500 CDS15CD010DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 8 300 CD5CC080DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 2 300 CD5CC020DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 8 300 CDS5CC080DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 2 300 CDS5CC020DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 8 500 CD6CD080DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 2 500 CD6CD020DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 8 500 CDS10CD080DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 2 500 CDS10CD020DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 8 500 CDS15CD080DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 2 500 CDS15CD020DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 9 300 CD5CC090DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 3 300 CD5CC030DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 9 300 CDS5CC090DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 3 300 CDS5CC030DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 9 500 CD6CD090DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 3 500 CD6CD030DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 9 500 CDS10CD090DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 3 500 CDS10CD030DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 9 500 CDS15CD090DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 3 500 CDS15CD030DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 10 300 CD5CC100JO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 4 300 CD5CC040DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 10 300 CDS5CC100JO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 4 300 CDS5CC040DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 10 500 CD6CD100DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 4 500 CD6CD040DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 10 500 CDS10CD100JO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 4 500 CDS10CD040DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 10 500 CDS15CD100JO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 4 500 CDS15CD040DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 11 300 CD5CC110JO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 5 300 CD5CC050DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 11 300 CDS5CC110JO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 5 300 CDS5CC050DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 11 500 CD6CD110DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 5 500 CD6CD050DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 11 500 CDS10CD110JO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 5 500 CDS10CD050DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 11 500 CDS15CD110JO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 5 500 CDS15CD050DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 12 300 CD5CC120JO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 6 300 CD5CC060DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 12 300 CDS5CC120JO3 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 6 300 CDS5CC060DO3F 0.250 ( 6.4) 0.160 (4.1) 0.090 (2.3) 0.120 (3.0) 0.016 (.4) 12 500 CD6CD120JO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 6 500 CD6CD060DO3 0.275 ( 7.0) 0.175 (4.4) 0.095 (2.4) 0.172 (4.4) 0.016 (.4) 12 500 CDS10CD120JO3 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 6 500 CDS10CD060DO3F 0.310 ( 7.9) 0.260 (6.6) 0.120 (3.0) 0.141 (3.6) 0.016 (.4) 12 500 CDS15CD120JO3 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 6 500 CDS15CD060DO3F 0.430 (10.9) 0.280 (7.1) 0.140 (3.6) 0.234 (5.9) 0.025 (.6) 15 300 CD5CC150JO3F 0.270 ( 6.9) 0.190 (4.8) 0.120 (3.0) 0.120 (3.0) 0.016 (.4) 7 300 CD5CC070DO3F 0.270 ( 6.9) 0.190 (4.8) 0.110 (2.8) 0.120 (3.0) 0.016 (.4) 15 300 CDS5CC150JO3F 0.250 ( 6.4) 0.170 (4.3) 0.100 (2.5) 0.120 (3.0) 0.016 (.4) Measured at point where phenolic cone becomes a cylinder S ±.031. .078 . Max. no solder H Max. 1 . Min. Ratings Highlights ♦ Reel packaging available ♦ Dimensions meet EIA RS153B specification ♦ 20,000 V/µs dV/dt pulse capability minimum ♦ Non-flammable units that meet IEC 695-2-2 are available Specifications Capacitance Range: Voltage Range: Capacitance Tolerance: Temperature Range: Dielectric Strength Test: 1 pF to 40,000 pF 50 Vdc to 500 Vdc ±1/2 pF (D), ±1 pF (C), ±1/2% (E), ±1% (F), ±2% (G), ±5% (J) –55 ºC to +125 ºC 200% of rated voltage Small cases for tight places is what you get with CDE miniature dipped silver mical capacitors. Like the stan- dard dipped mica capacitor, the miniature dipped product offers the same stability and rugged performance in low and moderate-humidity applications. RoHS Compliant |
Podobny numer części - CD5CC080DO3F |
|
Podobny opis - CD5CC080DO3F |