| Zakładka z wyszukiwarką danych komponentów |
|
UT699SPC Arkusz danych(PDF) 11 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT699SPC Arkusz danych(HTML) 11 Page - Aeroflex Circuit Technology |
|
11 / 41 page ![]() 11 PCI_AD[1] PCI-I/O 267 AA3 high-Z Bit 1 of PCI address and data bus PCI_AD[2] PCI-I/O 268 Y1 high-Z Bit 2 of PCI address and data bus PCI_AD[3] PCI-I/O 269 Y2 high-Z Bit 3 of PCI address and data bus PCI_AD[4] PCI-I/O 270 Y3 high-Z Bit 4 of PCI address and data bus PCI_AD[5] PCI-I/O 272 W1 high-Z Bit 5 of PCI address and data bus PCI_AD[6] PCI-I/O 273 W2 high-Z Bit 6 of PCI address and data bus PCI_AD[7] PCI-I/O 274 W3 high-Z Bit 7 of PCI address and data bus PCI_AD[8] PCI-I/O 279 V2 high-Z Bit 8 of PCI address and data bus PCI_AD[9] PCI-I/O 280 V3 high-Z Bit 9 of PCI address and data bus PCI_AD[10] PCI-I/O 281 U1 high-Z Bit 10 of PCI address and data bus PCI_AD[11] PCI-I/O 284 U2 high-Z Bit 11 of PCI address and data bus PCI_AD[12] PCI-I/O 285 U3 high-Z Bit 12 of PCI address and data bus PCI_AD[13] PCI-I/O 286 T1 high-Z Bit 13 of PCI address and data bus PCI_AD[14] PCI-I/O 287 R2 high-Z Bit 14 of PCI address and data bus PCI_AD[15] PCI-I/O 288 R1 high-Z Bit 15 of PCI address and data bus PCI_AD[16] PCI-I/O 305 J1 high-Z Bit 16 of PCI address and data bus PCI_AD[17] PCI-I/O 306 K2 high-Z Bit 17 of PCI address and data bus PCI_AD[18] PCI-I/O 307 K1 high-Z Bit 18 of PCI address and data bus PCI_AD[19] PCI-I/O 308 G1 high-Z Bit 19 of PCI address and data bus PCI_AD[20] PCI-I/O 309 H3 high-Z Bit 20 of PCI address and data bus PCI_AD[21] PCI-I/O 310 H2 high-Z Bit 21 of PCI address and data bus PCI_AD[22] PCI-I/O 312 F1 high-Z Bit 22 of PCI address and data bus PCI_AD[23] PCI-I/O 313 F2 high-Z Bit 23 of PCI address and data bus PCI_AD[24] PCI-I/O 317 E1 high-Z Bit 24 of PCI address and data bus PCI_AD[25] PCI-I/O 318 E2 high-Z Bit 25 of PCI address and data bus PCI_AD[26] PCI-I/O 321 F3 high-Z Bit 26 of PCI address and data bus PCI_AD[27] PCI-I/O 322 D1 high-Z Bit 27 of PCI address and data bus PCI_AD[28] PCI-I/O 323 D2 high-Z Bit 28 of PCI address and data bus PCI_AD[29] PCI-I/O 324 E3 high-Z Bit 29 of PCI address and data bus PCI_AD[30] PCI-I/O 326 D3 high-Z Bit 30 of PCI address and data bus Pin Name Direction Pin Number Reset Value Description 352 CQFP 484 CLGA |