Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1209581 Arkusz danych(PDF) 8 Page - SICK AG

Numer części 1209581
Szczegółowy opis  SWITCHING AUTOMATION LIGHT GRIDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

1209581 Arkusz danych(HTML) 8 Page - SICK AG

  1209581 Datasheet HTML 1Page - SICK AG 1209581 Datasheet HTML 2Page - SICK AG 1209581 Datasheet HTML 3Page - SICK AG 1209581 Datasheet HTML 4Page - SICK AG 1209581 Datasheet HTML 5Page - SICK AG 1209581 Datasheet HTML 6Page - SICK AG 1209581 Datasheet HTML 7Page - SICK AG 1209581 Datasheet HTML 8Page - SICK AG 1209581 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SAS4-S044P3PS1W00 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
8
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
1. Light grid in RUN mode,
green LED “ON”
illuminates, yellow LED
“Q” illuminates.
3. Light grid in RUN mode,
green LED “ON”
illuminates, yellow LED
“Q” illuminates.
2. Alignment aid is
automatically activated
for 10 s.
The switching threshold is set.
Func
Q
ON
3
2
1
1 s ... 5 s
Q
ON
3
2
1
1 = Optimum light reception.
2 = Light reception not optimized,
➜ align sensors.
3 = No light received,
➜ check light path.
The light grid switches after
10 s automatically back into
the RUN mode.
Press the teach button for
1 s to 5 s. During the teach
process the green LEDs
illuminates sequentially. The
red LED “Func” illuminates.
Q
Func
ON
3
2
1
1
Q
ON
3
2
1
2
Q
ON
3
2
1
3
Func
Func
Funktionsprinzip
Slim & Flat
1
2
①  Slim model = light emission on narrow side
②  Flat model = light emission on broad side
Recommended accessories
Other models and accessories
www.sick.de/SLG
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for light grids up to a monitoring height of 600 mm, mounting on the
face sides, 2x BEF-SLG1, 2x BEF-SLG2
BEF-SLG-SET1
2055427
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-G02M
6009870



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com