Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM9727CAA Arkusz danych(PDF) 5 Page - ELM Electronics

Numer części ELM9727CAA
Szczegółowy opis  CMOS voltage detector IC for battery-operated portable devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM [ELM Electronics]
Strona internetowa  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9727CAA Arkusz danych(HTML) 5 Page - ELM Electronics

  ELM9727CAA Datasheet HTML 1Page - ELM Electronics ELM9727CAA Datasheet HTML 2Page - ELM Electronics ELM9727CAA Datasheet HTML 3Page - ELM Electronics ELM9727CAA Datasheet HTML 4Page - ELM Electronics ELM9727CAA Datasheet HTML 5Page - ELM Electronics ELM9727CAA Datasheet HTML 6Page - ELM Electronics ELM9727CAA Datasheet HTML 7Page - ELM Electronics ELM9727CAA Datasheet HTML 8Page - ELM Electronics ELM9727CAA Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
151
VOLTAGE DETECTOR ELM97xxxxA
ELM9709NBA
ELM9709NBA
ELM9709NBA
ELM9709NBA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remarks
Detection Voltage
VDETN
0.878
0.900
0.922
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=1.5V
-
1.0
3.0
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
Output Current
IOUTN
VDD=0.8V, VDS=0.5V
0.02
0.1
-
mA
3
Delay Time
tPHL
2.0
mS
5
Temperature
Characteristics
of VDETN
Remarks ) Test circuit No.
2
-
Top=-30~+80℃
-
-0.27
-
Hysteresis width
VHYS
mV/℃
-
V
△VDETN
△Top
ELM9710NBA
ELM9710NBA
ELM9710NBA
ELM9710NBA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remarks
Detection Voltage
VDETN
0.975
1.000
1.025
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=1.5V
-
1.0
3.0
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
Output Current
IOUTN
VDD=0.8V, VDS=0.5V
0.02
0.1
-
mA
3
Delay Time
tPHL
2.0
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
V2
-
Hysteresis width
VHYS
△VDETN
△Top
-mV/℃
-
Top=-30~+80℃
-
-0.30
ELM9711NBA
ELM9711NBA
ELM9711NBA
ELM9711NBA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
1.073
1.100
1.127
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=1.5V
-
1.0
3.0
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
Output Current
IOUTN
VDD=0.8V, VDS=0.5V
0.02
0.1
-
mA
3
Delay Time
tPHL
2.0
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
V2
Hysteresis width
-
VHYS
△VDETN
△Top
mV/℃
-
Top=-30~+80℃
--0.33
-
■
■
■
■
■
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com